Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download UZT1V100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ZT
4.5mmL Chip Type, Wide Temperature Range
series
Chip type with 4.5mm height, operating over wide temperature range of - 40 ~ +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
WT
Smaller
ZT
Smaller
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
ZG
Performance Characteristics
- 40 ~ +105C 6.3 ~ 50V 0.1 ~ 100F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.38
10 0.32 6.3 6 10
16 0.20 10 5 10
Capacitance change
25 0.16 16 3 6
35 0.14 25 3 6 35 3 4
50 0.14 50 3 4
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C ZT / Z20 (MAX.)
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Within 25% of initial value (16V or less) Within 20% of initial value (25V or more) tan 300% or less of initial specified value Leakage current Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Initial specified value or less Leakage current listed at right. Black print on the case top.
Chip Type
105C Marking Capacitance Lot No. Plastic platform Voltage 0.3 MAX.
0.5 MAX.
C0.2
Type numbering system (Example : 16V 10F)
Positive
1
2
3
4
5
6
7
8
9 10
11 12 13 14
UZ T 1C 1 0 0 MCL 1GB
Taping code
D
4.5
+0.1 -0.2
A B C E
4 1.8 4.3 4.3 1.0
(mm) 5 6.3 2.1 2.4 5.3 6.6 5.3 6.6 1.3 2.2
Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
Voltage mark for 6.3V is 6V .
0.5 ~ 0.8
Negative
Dimensions
V Cap. (F) Code
6.3 0J
10 1A
A0.2 A + 0.2 -
X2P 10 16V
D0.5
B0.2
E
16 1C
25 1E
35 1V 4 4 4 4 4 4 4 5 6.3
50 1H 0.9 2.2 2.8 3.3 5.4 9.6 12 16 26
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101
4 5 5 6.3
19 26 32 52
5 5 6.3
24 30 40
4 5 6.3 6.3
16 26 35 44
4 5 6.3 6.3
11 20 33 42
4 5 6.3
13 22 36
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UX(p.74), UJ(p.76) series if high C/V products are reqired. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UZT1V100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X